PART |
Description |
Maker |
CK45-B3DD102KYNN CK45-B3AD472KYN CK45-B3AD472KYNA |
Mid-high Voltage Ceramic Capacitors Disk type with lead General use Mid-high Voltage Ceramic Capacitors Disk type with lead General use
|
TDK Electronics
|
MCB05-100-RC MCB05-101-RC MCB05-102-RC MCB05-110-R |
1 FUNCTIONS, 1 A, FERRITE CHIP Mid Current Chip Bead s Mid Current Chip Beads
|
Allied Components Internati... Allied Components International Allied Components Inter...
|
LT1W92A |
3030 Size, 1.1mm Thickness, MID* Type Full Color Leadless Chip LED Device
|
SHARP[Sharp Electrionic Components]
|
LQG15HN10NJ02D LQG15HN18NJ02D LQG15HN15NJ02J LQG15 |
Chip Inductor (Chip Coil) for High Frequency Multilayer Type 1 ELEMENT, 0.027 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP COILS, 82NH / 150MA Chip Inductor (Chip Coil) for High Frequency Multilayer Type
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD Murata Manufacturing Co...
|
10057202-R00LF |
MiniUSB B TYPE RECEPTACLE MID-MOUNT TYPE
|
FCI connector
|
EC2-6 EC2 EC2-12ND EC2-12NP EC2-12NU EC2-12NJ EC2- |
High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type COMPACT AND LIGHTWEIGHT/ SMALL MOUNTING SIZE/ HIGH BREAKDOWN VOLTAGE High Insulation/ High breakdown voltage/ compact and lightweight/ Surface mounting type A/D Converter (A-D) IC; Resolution (Bits):24; Sample Rate:192kSPS; Input Channels Per ADC:8; Input Channel Type:Differential; Data Interface:Serial; Package/Case:48-LQFP RoHS Compliant: Yes CONNECTOR ACCESSORY Film Capacitor; Capacitor Type:Suppression; Voltage Rating:100VDC; Capacitor Dielectric Material:Polyester; Capacitance:0.022uF; Capacitance Tolerance: 10%; Lead Pitch:5.00mm; Leaded Process Compatible:Yes RoHS Compliant: Yes COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE 小巧轻盈,小安装尺寸,高击穿电压
|
NEC Corp. NEC, Corp.
|
IXGH28N120B IXGT28N120B |
High Voltage IGBT IGBT Discretes: Mid-Frequency Range (15KHz-40KHz) Types Single IGBT
|
IXYS Corporation
|
HU2C471KS HU1C330KC HU2E221KC HU1E221KC HU2E220KC |
CAP,CER,CHIP,1206,Y5V, 80-20%,50VOLTS,1UF, CONN,S/R,10POS,254C-10-1, CLOSED END S/ R COVER CABLE,MOUSE,10',DE9 FEMALE TO DE9 FEMALE,SERIAL CABLE,9PIN,SERIAL,10' DE9 F-F CABLE,PC/AT TO SERIAL PRINTER NULL MODEM,10',DE9F TO DB25M CABLE,ADAPTER,6',DC37 M-F,STRAIGHT THROUG,37C HEADER,STRAT MALE,2RW,8 PIN, .079"CTR,.025"PST,.23"GOLD TL HEADER,STRAT MALE,2RW,6 PIN, .079"CTR,.025"PST,.23"GOLD TL POT,TRIM,1/4W,2.5K VERTICAL MOUNT 19/32" TOOL KIT,51PC 4/cs AP,CER,CHIP,0805,X5R,6.3V, 4.7UF,10%, (10) AP,CER,CHIP,0805,C0G, 5%,50V,270PF, (10) AP,CER,.1UF,10%,100V,X7R, 1210, (10) AP,CER,.22UF,10%,50V,X7R, 1210, (10) CHIP TYPE, MID-TO-HIGH VOLTAGE 片式,中高压 AP,CER,CHIP,0603,Y5V, 80-20%,10V,1UF,INCREM of 10 片式,中高压 SOCKET,DILS,20 PIN,MACHINE- TOOLED PINS,SOLDER TAIL 片式,中高压 CAP,CER,CHIP,0805,50V, X7RTEMP,0.047UF, /-10%,(10) 片式,中高压 CONN,DSUB,.590"RT,9P-M, LONG,METAL HOUSING 片式,中高压
|
DB Lectro Inc. DB Lectro, Inc. TE Connectivity, Ltd.
|
PS2561L1-1-V PS2561-2 PS2561-2-V PS2561L-1- PS2561 |
High Isolation Voltage Single Transistor Type photocoupler(高隔离电压晶体管输出光电隔离 高隔离电压单晶体管类型光耦合器(高隔离电压晶体管输出光电隔离器) High Isolation Voltage Single Transistor Type Photocoupler(高隔离电压晶体管输出光光隔离器) 高隔离电压单管式光电耦合器(高隔离电压晶体管输出光光隔离器 Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Orange; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
|
NEC, Corp. NEC Corp. NEC[NEC]
|
ERA3AHD40R2V ERA2AEB57R6X ERA1AEB5761C ERA2APB5760 |
High Precision Thin Film Chip Resistors, High Reliability Type
|
Panasonic
|
HKQ0603W1N4S-T-19 |
High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)[HKQ-W]
|
Taiyo Yuden (U.S.A.), I...
|
|